Part Number Hot Search : 
UM2640 UM2640 AD9844 AD9844 F7511 EVALZ 2N498 F7511
Product Description
Full Text Search
 

To Download MMDF2C03HDR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMDF2C03HD
Preferred Device
Power MOSFET 2 Amps, 30 Volts
Complementary SO-8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on) and true logic level performance. They are capable of withstanding high energy in the avalanche and commutation modes and the drain-to-source diode has a very low reverse recovery time. MiniMOSt devices are designed for use in low voltage, high speed switching applications where power efficiency is important. Typical applications are dc-dc converters, and power management in portable and battery powered products such as computers, printers, cellular and cordless phones. They can also be used for low voltage motor controls in mass storage products such as disk drives and tape drives. The avalanche energy is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.
Features http://onsemi.com
2 AMPERES, 30 VOLTS RDS(on) = 70 mW (N-Channel) RDS(on) = 200 mW (P-Channel)
N-Channel D P-Channel D
* * * * * * * * *
G S
G S
Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life Logic Level Gate Drive - Can Be Driven by Logic ICs Miniature SO-8 Surface Mount Package - Saves Board Space Diode Is Characterized for Use In Bridge Circuits Diode Exhibits High Speed, With Soft Recovery IDSS Specified at Elevated Temperature Avalanche Energy Specified Mounting Information for SO-8 Package Provided Pb-Free Package is Available
Rating Symbol VDSS VGS N-Channel P-Channel N-Channel P-Channel ID IDM TJ, Tstg PD RqJA EAS 324 324 TL 260 C Value 30 20 4.1 3.0 21 15 - 55 to 150 2.0 62.5 Unit Vdc Vdc A
MARKING DIAGRAM
8 8 1 SO-8 CASE 751 STYLE 14 1 D2C03 AYWWG G
MAXIMUM RATINGS (TJ = 25C unless otherwise noted) (Note 1)
Drain-to-Source Voltage Gate-to-Source Voltage Drain Current - Continuous Drain Current - Pulsed
D2C03 = Device Code A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
Operating and Storage Temperature Range Total Power Dissipation @ TA= 25C (Note 2) Thermal Resistance, Junction-to-Ambient (Note 2) Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 30 V, VGS = 5.0 V, Peak IL = 9.0 Apk, N-Channel L = 8.0 mH, RG = 25 W) (VDD = 30 V, VGS = 5.0 V, Peak IL = 6.0 Apk, P-Channel L = 18 mH, RG = 25 W) Max Lead Temperature for Soldering, 0.0625 from case. Time in Solder Bath is 10 seconds
C W C/W mJ
PIN ASSIGNMENT
N-Source N-Gate P-Source P-Gate 1 2 3 4 8 7 6 5 N-Drain N-Drain P-Drain P-Drain
ORDERING INFORMATION
Device MMDF2C03HDR2 MMDF2C03HDR2G Package SO-8 Shipping 2500 Tape & Reel
SO-8 2500 Tape & Reel (Pb-Free)
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Negative signs for P-Channel device omitted for clarity. 2. Mounted on 2" square FR4 board (1" sq. 2 oz. Cu 0.06" thick single sided) with one die operating, 10 sec. max.
(c) Semiconductor Components Industries, LLC, 2006
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
1
February, 2006 - Rev. 7
Publication Order Number: MMDF2C03HD/D
MMDF2C03HD
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Note 3)
Characteristic OFF CHARACTERISTICS Drain-Source Breakdown Voltage (VGS = 0 Vdc, ID = 250 mAdc) Zero Gate Voltage Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0) ON CHARACTERISTICS (Note 4) Gate Threshold Voltage (VDS = VGS, ID = 250 mAdc) Drain-to-Source On-Resistance (VGS = 10 Vdc, ID = 3.0 Adc) (VGS = 10 Vdc, ID = 2.0 Adc) Drain-to-Source On-Resistance (VGS = 4.5 Vdc, ID = 1.5 Adc) (VGS = 4.5 Vdc, ID = 1.0 Adc) Forward Transconductance (VDS = 3.0 Vdc, ID = 1.5 Adc) (VDS = 3.0 Vdc, ID = 1.0 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 5) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (VDS = 10 Vdc, ID = 3.0 Adc, VGS = 10 Vdc) (VDS = 24 Vdc, ID = 2.0 Adc, VGS = 10 Vdc) (VDD = 15 Vdc, ID = 3.0 Adc, VGS = 10 Vdc, RG = 9.1 W) (VDD = 15 Vdc, ID = 2.0 Adc, VGS = 10 Vdc, RG = 6.0 W) (VDD = 15 Vdc, ID = 3.0 Adc, VGS = 4.5 Vdc, RG = 9.1 W) (VDD = 15 Vdc, ID = 2.0 Adc, VGS = 4.5 Vdc, RG = 6.0 W) td(on) tr td(off) tf td(on) tr td(off) tf QT Q1 Q2 Q3 3. Negative signs for P-Channel device omitted for clarity. 4. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. 5. Switching characteristics are independent of operating junction temperature. (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) - - - - - - - - - - - - - - - - - - - - - - - - 12 16 65 18 16 63 19 194 8.0 9.0 15 10 30 81 23 192 11.5 14.2 1.5 1.1 3.5 4.5 2.8 3.5 24 32 130 36 32 126 38 390 16 18 30 20 60 162 46 384 16 19 - - - - - - nC ns (VDS = 24 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss (N) (P) (N) (P) (N) (P) - - - - - - 450 397 160 189 35 64 630 550 225 250 70 126 pF VGS(th) RDS(on) (N) (P) RDS(on) (N) (P) gFS (N) (P) 2.0 2.0 3.6 3.4 - - - - 0.065 0.225 0.075 0.300 mhos - - 0.06 0.17 0.070 0.200 W (N) (P) 1.0 1.0 1.7 1.5 3.0 2.0 Vdc W V(BR)DSS - IDSS IGSS (N) (P) - 30 - - - - - - - - 1.0 1.0 100 mAdc nAdc Vdc Symbol Polarity Min Typ Max Unit
http://onsemi.com
2
MMDF2C03HD
ELECTRICAL CHARACTERISTICS - continued (TA = 25C unless otherwise noted) (Note 6)
Characteristic SOURCE-DRAIN DIODE CHARACTERISTICS (TC = 25C) Forward Voltage (Note 7) Reverse Recovery Time (IS = 3.0 Adc, VGS = 0 Vdc) (IS = 2.0 Adc, VGS = 0 Vdc) VSD trr ta (IF = IS, dIS/dt = 100 A/ms) tb QRR (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) - - - - - - - - - - 0.82 1.82 24 42 17 16 7.0 26 0.025 0.043 1.2 2.0 - - - - - - - - mC Vdc ns Symbol Polarity Min Typ Max Unit
Reverse Recovery Storage Charge 6. Negative signs for P-Channel device omitted for clarity. 7. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%.
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
6 I D , DRAIN CURRENT (AMPS) VGS = 10 V 3.9 V 3.7 V 3.3 V 3.5 V 4 TJ = 25C I D , DRAIN CURRENT (AMPS) 3
P-Channel
VGS = 10 V 4.5 V 3.9 V 3.3 V 3.7 V 3.5 V TJ = 25C
4.5 V 5 4.3 V 4.1 V 4 3 2
3.1 V
2
3.1 V 2.9 V
2.9 V 1 0 2.7 V 2.5 V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
1 2.7 V 2.5 V 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
6 VDS 10 V I D , DRAIN CURRENT (AMPS) I D , DRAIN CURRENT (AMPS) 5 4 TJ = 100C 3 2 1 0 - 55C 25C 3 4
Figure 1. On-Region Characteristics
VDS 10 V
2 TJ = 100C 1 25C - 55C
2
2.5
3
3.5
4
0 1.5
1.7
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
3.5
3.7
Figure 2. Transfer Characteristics
Figure 2. Transfer Characteristics
http://onsemi.com
3
MMDF2C03HD
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
0.6 0.5 0.4 0.3 0.2 0.1 0 2 3 4 5 6 7 8 9 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 10 ID = 1.5 A TJ = 25C
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
P-Channel
0.6 0.5 0.4 0.3 0.2 0.1 0 ID = 1 A TJ = 25C
0
1
2 3 4 5 6 7 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
9
10
Figure 3. On-Resistance versus Gate-To-Source Voltage
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 0.08 TJ = 25C RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 0.30
Figure 3. On-Resistance versus Gate-To-Source Voltage
TJ = 25C 0.25 VGS = 4.5 V 0.20 10 V 0.15
0.07 VGS = 4.5
0.06 10 V
0.05 0 0.5 1 1.5 2 2.5 3 ID, DRAIN CURRENT (AMPS)
0.10
0
0.5
1
2.5 3 1.5 2 ID, DRAIN CURRENT (AMPS)
3.5
4
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 4. On-Resistance versus Drain Current and Gate Voltage
2.0 VGS = 10 V ID = 1.5 A 1.5 RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) 1.6
Figure 4. On-Resistance versus Drain Current and Gate Voltage
VGS = 10 V ID = 2 A 1.4
1.2
1.0
1.0
0.5
0.8
0 -50
-25
0
25
50
75
100
125
150
0.6 -50
- 25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 5. On-Resistance Variation with Temperature
Figure 5. On-Resistance Variation with Temperature
http://onsemi.com
4
MMDF2C03HD
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
100 VGS = 0 V TJ = 125C 1000 VGS = 0 V
P-Channel
I DSS , LEAKAGE (nA)
I DSS , LEAKAGE (nA)
10
100C
100
TJ = 125C
100C
1
0
5
10
15
20
25
30
10
0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
5 10 15 20 25 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
30
Figure 6. Drain-To-Source Leakage Current versus Voltage
Figure 6. Drain-To-Source Leakage Current versus Voltage
POWER MOSFET SWITCHING Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (Dt) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP) The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
http://onsemi.com
5
MMDF2C03HD
N-Channel
1200 1000 C, CAPACITANCE (pF) C, CAPACITANCE (pF) 800 600 400 200 0 10 Coss Crss 5 VGS 0 VDS 5 10 15 20 25 30 0 10 5 VGS 0 VDS 5 Crss VDS = 0 V VGS = 0 V Ciss 1200 TJ = 25C 1000 800 600 Crss Ciss 400 Coss 200 Crss 10 15 20 25 30 Ciss VDS = 0 V VGS = 0 V
P-Channel
TJ = 25C
Ciss
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Figure 7. Capacitance Variation
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
QT 9 VDS 6 Q1 Q2
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
12
24
12 QT 10 VGS 8 6 Q1 4 2 Q3 0 0 2 4 6 8 10 12 14 Q2 VDS ID = 2 A TJ = 25C
24 20 16 12 8 4 0 16
VGS
18
12
VDS , DRAIN-TO-SOURCE VOLTAGE (VOLTS)
3 Q3 0 ID = 3 A TJ = 25C 2 4 6 8 10
6
0
0 12
Qg, TOTAL GATE CHARGE (nC)
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
1000 VDD = 15 V ID = 3 A VGS = 10 V TJ = 25C
1000 VDD = 15 V ID = 2 A VGS = 10 V TJ = 25C
tf td(off)
t, TIME (ns)
10
td(off) tr tf td(on)
t, TIME (ns)
100
100
tr 10 td(on)
1
1
10 RG, GATE RESISTANCE (OHMS)
100
1 1 10 RG, GATE RESISTANCE (OHMS) 100
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Figure 9. Resistive Switching Time Variation versus Gate Resistance
http://onsemi.com
6
MMDF2C03HD
DRAIN-TO-SOURCE DIODE CHARACTERISTICS The switching characteristics of a MOSFET body diode are very important in systems using it as a freewheeling or commutating diode. Of particular interest are the reverse recovery characteristics which play a major role in determining switching losses, radiated noise, EMI and RFI. System switching losses are largely due to the nature of the body diode itself. The body diode is a minority carrier device, therefore it has a finite reverse recovery time, trr, due to the storage of minority carrier charge, QRR, as shown in the typical reverse recovery wave form of Figure 15. It is this stored charge that, when cleared from the diode, passes through a potential and defines an energy loss. Obviously, repeatedly forcing the diode through reverse recovery further increases switching losses. Therefore, one would like a diode with short trr and low QRR specifications to minimize these losses. The abruptness of diode reverse recovery effects the amount of radiated noise, voltage spikes, and current ringing. The mechanisms at work are finite irremovable circuit parasitic inductances and capacitances acted upon by high di/dts. The diode's negative di/dt during ta is directly controlled by the device clearing the stored charge. However, the positive di/dt during tb is an uncontrollable diode characteristic and is usually the culprit that induces current ringing. Therefore, when comparing diodes, the ratio of tb/ta serves as a good indicator of recovery abruptness and thus gives a comparative estimate of probable noise generated. A ratio of 1 is considered ideal and values less than 0.5 are considered snappy. Compared to ON Semiconductor standard cell density low voltage MOSFETs, high cell density MOSFET diodes are faster (shorter trr), have less stored charge and a softer reverse recovery characteristic. The softness advantage of the high cell density diode means they can be forced through reverse recovery at a higher di/dt than a standard cell MOSFET diode without increasing the current ringing or the noise generated. In addition, power dissipation incurred from switching the diode will be less due to the shorter recovery time and lower switching losses.
N-Channel
3.0 2.5 IS, SOURCE CURRENT (AMPS) 2.0 1.5 1.0 0.5 0 0.5 TJ = 25C VGS = 0 V I S , SOURCE CURRENT (AMPS) 2 TJ = 25C VGS = 0 V 1.6
P-Channel
1.2
0.8
0.4
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0 0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
Figure 10. Diode Forward Voltage versus Current
http://onsemi.com
7
MMDF2C03HD
di/dt = 300 A/ms I S , SOURCE CURRENT Standard Cell Density trr High Cell Density trr tb ta
t, TIME
Figure 11. Reverse Recovery Time (trr)
SAFE OPERATING AREA The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance - General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded, and that the transition time (tr, tf) does not exceed 10 ms. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RqJC). A power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and must be adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature. Although many E-FETs can withstand the stress of drain-to-source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 13). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated.
N-Channel
100 I D , DRAIN CURRENT (AMPS) I D , DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 1 ms 10 ms 1 dc RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT
Mounted on 2 sq. FR4 board (1 sq. 2 oz. Cu 0.06 thick single sided) with one die operating, 10s max.
P-Channel
100 10 ms 100 ms VGS = 20 V SINGLE PULSE TC = 25C
Mounted on 2 sq. FR4 board (1 sq. 2 oz. Cu 0.06 thick single sided) with one die operating, 10s max.
10
10
100 ms 1 ms 10 ms
1 dc 0.1
0.1
RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 10 100
0.01 0.1
1
10
100
0.01 0.1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Rated Forward Biased Safe Operating Area
http://onsemi.com
8
MMDF2C03HD
N-Channel
350 300 250 200 150 100 50 0 25 50 75 100 125 150 EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) ID = 9 A 350 300 250 200 150 100 50 0 25 50 75 100 125 150
P-Channel
ID = 6 A
TJ, STARTING JUNCTION TEMPERATURE (C)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 13. Maximum Avalanche Energy versus Starting Junction Temperature
Figure 13. Maximum Avalanche Energy versus Starting Junction Temperature
TYPICAL ELECTRICAL CHARACTERISTICS
10 Rthja(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2 0.1 0.05 0.02 0.01
0.1
Normalized to qja at 10s.
Chip
0.0175 W 0.0710 W 0.2706 W 0.5776 W 0.7086 W
0.01 SINGLE PULSE 0.001 1.0E-05 1.0E-04 1.0E-03 1.0E-02
0.0154 F 0.0854 F 0.3074 F 1.7891 F 107.55 F
Ambient 1.0E+03
1.0E-01 t, TIME (s)
1.0E+00
1.0E+01
1.0E+02
Figure 14. Thermal Response
di/dt IS trr ta tb TIME tp IS 0.25 IS
Figure 15. Diode Reverse Recovery Waveform
http://onsemi.com
9
MMDF2C03HD
PACKAGE DIMENSIONS
SOIC-8 CASE 751-07 ISSUE AG
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
STYLE 14: PIN 1. N-SOURCE 2. N-GATE 3. P-SOURCE 4. P-GATE 5. P-DRAIN 6. P-DRAIN 7. N-DRAIN 8. N-DRAIN
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. MiniMOS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
MMDF2C03HD/D


▲Up To Search▲   

 
Price & Availability of MMDF2C03HDR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X